Part Number Hot Search : 
MAX6241 10MU10NU 74LCX 6404A 6404A SBM37PT SAB80515 2X006
Product Description
Full Text Search
 

To Download APTDF400AA120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTDF400AA120
Dual Common Anode diodes Power Module
K1 A
* * * *
VRRM = 1200V IC = 400A @ Tc = 60C
Application Uninterruptible Power Supply (UPS) Induction heating Welding equipment High speed rectifiers
Features * * * * * * * * Benefits
K1 A K2
K2
Ultra fast recovery times Soft recovery characteristics Very low stray inductance High blocking voltage High current Low leakage current Very low stray inductance - Symmetrical design - M5 power connectors High level of integration
* * * * *
Outstanding performance at high frequency operation Low losses Low noise switching Direct mounting to heatsink (isolated package) Low junction to case thermal resistance
Absolute maximum ratings
Symbol VR VRRM IF(A V) IF(RMS) IFSM
Parameter Maximum DC reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Average Forward Current Duty cycle = 50% TC = 25C TC = 60C TC = 45C TC = 45C
Max ratings 1200 470 400 500 3000
Unit V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
APT website - http://www.advancedpower.com
1-4
APTDF400AA120 - Rev 0 May, 2005
RMS Forward Current Duty cycle = 50% Non-Repetitive Forward Surge Current 8.3ms
A
APTDF400AA120
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic VF IRM CT Diode Forward Voltage Maximum Reverse Leakage Current Junction Capacitance Test Conditions IF = 400A IF = 600A IF = 400A Tj = 125C Tj = 25C VR = 1200V Tj = 125C VR = 1200V Min Typ 2.4 2.7 1.8 Max 3.0 Unit V 250 1000 440 A pF
Dynamic Characteristics
Symbol Characteristic trr trr Qrr IRRM trr Qrr IRRM Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current
Test Conditions IF=1A,VR=30V di/dt = 400A/s Tj = 25C Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C IF = 400A VR = 800V
di/dt = 4000A/s
Min
Typ 45 385 480 4.2 20.9 24 76 210 38 280
Max
Unit ns ns C A ns
C A
IF = 400A VR = 800V di/dt = 800A/s
Tj = 125C
Thermal and package characteristics
Symbol RthJC VISOL TJ TSTG TC Torque Wt Characteristic Junction to Case
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Min 2500 -40 -40 -40 3 2
Typ
Max 0.14 175 125 100 5 3.5 280
Unit C/W V C N.m g
APTDF400AA120 - Rev 0 May, 2005
Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight To heatsink For terminals M6 M5
APT website - http://www.advancedpower.com
2-4
APTDF400AA120
Typical Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.16 Thermal Impedance (C/W) 0.14 0.12 0.1 0.08 0.06 0.04 0.02 0.9 0.7 0.5 0.3 0.1 0.05 0.0001 0.001 Single Pulse
0 0.00001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds) Forward Current vs Forward Voltage trr, Reverse Recovery Time (ns) 1200 IF, Forward Current (A) 1000 800 600 400
T J=-55C TJ =125C T J=175C
Trr vs. Current Rate of Charge
600 500 400 300 200 100 0 0 800 1600 2400 3200 4000 4800
-diF/dt (A/s) IRRM vs. Current Rate of Charge
600 A 400 A 200 A TJ=125C VR=800V
200 0 0.0 0.5 1.0 1.5 2.0
T J=25C
2.5
3.0
3.5
V F, Anode to Cathode Voltage (V) QRR, Reverse Recovery Charge (C) QRR vs. Current Rate Charge
T J=125C VR=800V 600 A 400 A
IRRM, Reverse Recovery Current (A)
48
300 250 200 150 100 50 0 800 1600 2400 3200 4000 4800
-diF/dt (A/s)
T J=125C VR=800V 600 A 400 A 200 A
40
32
24
200 A
16
0
800
1600 2400 3200 4000 4800
-diF/dt (A/s)
3000 2500 C, Capacitance (pF)
Capacitance vs. Reverse Voltage
Max. Average Forward Current vs. Case Temp. 600 500 IF(AV) (A) 400 300 200 100 0
Duty Cycle = 0.5 TJ=175C
2000 1500 1000 500 0 1 10 100 VR, Reverse Voltage (V) 1000
0
25
50
75
100
125
150
175
Case Temperature (C)
APT website - http://www.advancedpower.com
3-4
APTDF400AA120 - Rev 0 May, 2005
APTDF400AA120
Package outline (dimensions in mm)
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
APT website - http://www.advancedpower.com
4-4
APTDF400AA120 - Rev 0 May, 2005


▲Up To Search▲   

 
Price & Availability of APTDF400AA120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X